|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SW-164-PIN Matched SP4T RF Switch, 20 - 1500 MHz Features * * * * * Internally Terminated Integral TTL Driver Low Loss: 0.9 dB Typical 50 Ohm Nominal Impedance MIL-STD-883 Screening Available Rev. V3 Functional Block Diagram Description Ordering Information Part Number SW-164-PIN Package DI-2 Truth Table TTL Control Inputs "1" = TTL Logic High 1 1 0 0 0 Note: Reference Application Note M513 for reel size information. Note: Die quantity varies. Condition of Switch RF Common to each RF Port RF1 On Off Off Off 2 0 1 0 0 3 0 0 1 0 4 0 0 0 1 RF2 Off On Off Off RF3 Off Off On Off RF4 Off Off Off On * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. SW-164-PIN Matched SP4T RF Switch, 20 - 1500 MHz Electrical Specifications: TA = -55C to +85C 1 Parameter Test Conditions Frequency Units Min Typ Max Rev. V3 Insertion Loss -- 20 - 1500 MHz 20 - 1000 MHz 30 - 500 MHz 20 - 1500 MHz 20 - 1000 MHz 30 - 500 MHz 20 - 1500 MHz 20 - 1000 MHz 20 - 500 MHz -- -- -- 20 - 1500 MHz 50 - 1500 MHz dB dB dB Ratio Ratio Ratio dB dB dB S S mV dBm dBm -- -- -- -- -- -- 35 40 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.0 1.5 40 +5 +15 2.0 1.5 1.2 1.80:1 1.50:1 1.25:1 -- -- -- -- -- -- -- -- VSWR -- Isolation -- Ton Toff Transients 1 dB Compression In-band Input Power IP2 For two tone input power up to +5 dBm 20 - 1500 MHz 50 - 1500 MHz dBm dBm -- -- +55 +70 -- -- IP3 For two tone input power up to +5 dBm 20 - 1500 MHz 50 - 1500 MHz dBm dBm -- -- +25 +40 -- -- Bias Power +9 to +15 VDC @ 50 mA Max -5 VDC 5% @ 25 mA Max -- mW -- 550 -- 1. All specifications apply when operated with bias voltages of +12 VDC and -5 VDC ( 5%) and 50 ohm impedance at all RF ports. 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. SW-164-PIN Matched SP4T RF Switch, 20 - 1500 MHz Typical Performance Curves Insertion Loss Isolation Rev. V3 + 8 5 C 3.0 + 2 5 C - 55 C 100 Insertion Loss (dB) 2.0 80 Isolation (dB) 2 5 10 50 100 500 1000 2000 60 1.0 40 0.0 20 2 5 10 50 100 500 1000 2000 F re que nc y ( M H z) F re que nc y ( M H z) VSWR 1.8 1.6 VSWR 1.4 1.2 1.0 2 5 10 50 100 500 1000 2000 F re que nc y ( M H z) 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of SW-164-PIN |